PART |
Description |
Maker |
0815 |
Operating V oltage = 250/480 V ac 3 PH Delta Operating Current Max= 1 2 & 1 8 amps
|
JMK Inc.
|
FF-1319-13 |
Operating Voltage = DC to 250 Vac Operating Current (Max)= 13A
|
JMK Inc.
|
AO4435 |
): 250 (@8MHz); Operating Frequency / Supply Voltage: 1.8 to 5.5V; Operating Ambient Temperature (°C): -20 to 85; Package Code: PLSP0020JB-A
|
Alpha
|
HH-1055-6.3 HH-1055-6.3B |
Operating voltage = 85 to 250 V~ Operating current = 6.3 Amp
|
JMK Inc.
|
C167CS-4R SAB-C167CS-4R33M SAB-C167CS-4RM |
BOARD INTERFACE KGZ/GMS 0-100% MN Series Basic Switch, Double Pole Double Throw Double Break Circuitry, 15 A at 480 Vac, Pin Plunger Actuator, 3,34 N - 5,56 N [12 oz - 20 oz] Operating Force, Gold Contacts, Quick Connect Termination Silver Contacts, Screw Termination CSA, UL MN Series Basic Switch, Double Pole Double Throw Double Break Circuitry, 15 A at 480 Vac, Pin Plunger Actuator, 1,95 N - 3,1 N [7 oz - 11 oz] Operating Force, Quick Connect Termination, Fine Silver Contacts, Screw Termination, CSA, UL
|
Infineon Technologies AG
|
EA-1013-12A |
Operating Voltage= 115/250 Vac OperatingCurrentMax= 12 amp
|
JMK Inc.
|
FSL23A4R FSL23A4D FN4474 FSL23A4R4 FSL23A4D1 FSL23 |
5A, 250V, 0.480 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs 5A, 250V, 0.480 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs 5 A, 250 V, 0.48 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-205AF RECTIFIER BRIDGE 6A 100V 125A-ifsm 1.1V-vf 10uA-ir PBPC3 200/BOX 5 A, 250 V, 0.48 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-205AF RECTIFIER BRIDGE 3A 600V 50A-ifsm 1.2V-vf 10uA-ir PBPC3 200/BOX RECTIFIER BRIDGE 3A 1000V 50A-ifsm 1.2V-vf 10uA-ir PBPC3 200/BOX From old datasheet system 5A/ 250V/ 0.480 Ohm/ Rad Hard/ SEGR Resistant/ N-Channel Power MOSFETs
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ASC7511 |
LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
|
Andigilog
|
MBD701 MMBD701LT1 MBD701_D |
70 VOLTS HIGH-OLTAGE SILICON HOT-CARRIER DETECTOR AND SWITCHING DIODES
|
ONSEMI[ON Semiconductor]
|
269 269-D 269-A 269-B 269-C 269-TYPE 269-A-140-F14 |
269-Type 1480 nm Pump Laser Module 1480 nm pump laser module. D - isolated, PMF. Operating power 220 mW. B = SC/APC connector. 1480 nm pump laser module. D - isolated, PMF. Operating power 220 mW. C = FC/APC connector. 1480 nm pump laser module. D - isolated, PMF. Operating power 200 mW. C = FC/APC connector. 1480 nm pump laser module. C - isolated, SMF. Operating power 140 mW. A = no connector. 1480 nm pump laser module. C - isolated, SMF. Operating power 140 mW. C = FC/APC connector. 1480 nm pump laser module. D - isolated, PMF. Operating power 120 mW. C = FC/APC connector. 1480 nm pump laser module. D - isolated, PMF. Operating power 140 mW. C = FC/APC connector. 1480 nm pump laser module. D - isolated, PMF. Operating power 130 mW. C = FC/APC connector. 1480 nm pump laser module. D - isolated, PMF. Operating power 130 mW. B = SC/APC connector. 1480 nm pump laser module. D - isolated, PMF. Operating power 120 mW. B = SC/APC connector. 1480 nm pump laser module. A - nonisolated,SMF. Operating power 220 mW. A = no connector. 1480 nm pump laser module. A - nonisolated,SMF. Operating power 260 mW. A = no connector. 1480 nm pump laser module. A - nonisolated,SMF. Operating power 250 mW. A = no connector. 1480 nm pump laser module. B - nonisolated, PMF. Operating power 280 mW. B = SC/APC connector. 1480 nm pump laser module. C - isolated, SMF. Operating power 210 mW. C = FC/APC connector. 1480 nm pump laser module. C - isolated, SMF. Operating power 200 mW. B = SC/APC connector. 1480 nm pump laser module. C - isolated, SMF. Operating power 220 mW. C = FC/APC connector. 1480 nm pump laser module. B - nonisolated, PMF. Operating power 180 mW. B = SC/APC connector. 1480 nm pump laser module. B - nonisolated, PMF. Operating power 190 mW. B = SC/APC connector. 1480 nm pump laser module. A - nonisolated, SMF. Operating power 220 mW. B = SC/APC connector. 1480 nm pump laser module. A - nonisolated, SMF. Operating power 270 mW. B = SC/APC connector. 1480 nm pump laser module. B - nonisolated, PMF. Operating power 210 mW. B = SC/APC connector. 1480 nm pump laser module. A - nonisolated, SMF. Operating power 260 mW. B = SC/APC connector. 1480 nm pump laser module. A - nonisolated, SMF. Operating power 280 mW. C = FC/APC connector. 1480 nm pump laser module. A - nonisolated, SMF. Operating power 220 mW. C = FC/APC connector. 1480 nm pump laser module. B - nonisolated, PMF. Operating power 190 mW. C = FC/APC connector. 1480 nm pump laser module. B - nonisolated, PMF. Operating power 210 mW. C = FC/APC connector. 1480 nm pump laser module. B - nonisolated, PMF. Operating power 140 mW. C = FC/APC connector. 1480 nm pump laser module. B - nonisolated, PMF. Operating power 130 mW. A = no connector. 1480 nm pump laser module. B - nonisolated, PMF. Operating power 120 mW. C = FC/APC connector. 1480 nm pump laser module. B - nonisolated, PMF. Operating power 230 mW. C = FC/APC connector. 1480 nm pump laser module. B - nonisolated, PMF. Operating power 230 mW. B = SC/APC connector. 1480 nm pump laser module. A - nonisolated, SMF. Operating power 230 mW. C = FC/APC connector. 1480 nm pump laser module. A - nonisolated, SMF. Operating power 210 mW. B = SC/APC connector. 1480 nm pump laser module. A - nonisolated,SMF. Operating power 210 mW. A = no connector. 1480 nm pump laser module. A - nonisolated, SMF. Operating power 200 mW. C = FC/APC connector. 1480 nm pump laser module. A - nonisolated, SMF. Operating power 200 mW. B = SC/APC connector. 1480 nm pump laser module. A - nonisolated, SMF. Operating power 180 mW. C = FC/APC connector. 1480 nm pump laser module. A - nonisolated, SMF. Operating power 180 mW. B = SC/APC connector. 1480 nm pump laser module. A - nonisolated,SMF. Operating power 180 mW. A = no connector. 1480 nm pump laser module. A - nonisolated, SMF. Operating power 170 mW. C = FC/APC connector. 1480 nm pump laser module. A - nonisolated, SMF. Operating power 160 mW. B = SC/APC connector. 1480 nm pump laser module. A - nonisolated, SMF. Operating power 150 mW. C = FC/APC connector. 1480 nm pump laser module. A - nonisolated,SMF. Operating power 150 mW. A = no connector. 1480 nm pump laser module. A - nonisolated, SMF. Operating power 140 mW. B = SC/APC connector. 1480 nm pump laser module. A - nonisolated, SMF. Operating power 130 mW. C = FC/APC connector. 1480 nm pump laser module. A - nonisolated,SMF. Operating power 140 mW. A = no connector. 1480 nm pump laser module. A - nonisolated, SMF. Operating power 130 mW. B = SC/APC connector. 1480 nm pump laser module. A - nonisolated,SMF. Operating power 130 mW. A = no connector. 1480 nm pump laser module. A - nonisolated, SMF. Operating power 120 mW. C = FC/APC connector. 1480 nm pump laser module. A - nonisolated, SMF. Operating power 120 mW. B = SC/APC connector. 1480 nm pump laser module. A - nonisolated,SMF. Operating power 120 mW. A = no connector. 1480 nm pump laser module. A - nonisolated,SMF. Operating power 200 mW. A = no connector. 1480 nm pump laser module. A - nonisolated, SMF. Operating power 190 mW. C = FC/APC connector. 1480 nm pump laser module. A - nonisolated, SMF. Operating power 190 mW. B = SC/APC connector. 1480 nm pump laser module. A - nonisolated,SMF. Operating power 190 mW. A = no connector. 1480 nm pump laser module. A - nonisolated, SMF. Operating power 170 mW. B = SC/APC connector. 1480 nm pump laser module. A - nonisolated,SMF. Operating power 170 mW. A = no connector. 1480 nm pump laser module. A - nonisolated, SMF. Operating power 160 mW. C = FC/APC connector. 1480 nm pump laser module. A - nonisolated,SMF. Operating power 160 mW. A = no connector. 1480 nm pump laser module. A - nonisolated, SMF. Operating power 150 mW. B = SC/APC connector. 1480 nm pump laser module. A - nonisolated, SMF. Operating power 140 mW. C = FC/APC connector. 1480 nm pump laser module. A - nonisolated, SMF. Operating power 230 mW. B = SC/APC connector. 1480 nm pump laser module. B - nonisolated, PMF. Operating power 230 mW. A = no connector. 1480 nm pump laser module. A - nonisolated,SMF. Operating power 230 mW. A = no connector. 1480 nm pump laser module. B - nonisolated, PMF. Operating power 120 mW. B = SC/APC connector. 1480 nm pump laser module. B - nonisolated, PMF. Operating power 120 mW. A = no connector. 1480 nm pump laser module. B - nonisolated, PMF. Operating power 130 mW. C = FC/APC connector. 1480 nm pump laser module. B - nonisolated, PMF. Operating power 140 mW. B = SC/APC connector. 1480 nm pump laser module. A - nonisolated, SMF. Operating power 260 mW. C = FC/APC connector. 1480 nm pump laser module. A - nonisolated, SMF. Operating power 240 mW. C = FC/APC connector. 1480 nm pump laser module. B - nonisolated, PMF. Operating power 180 mW. C = FC/APC connector. 1480 nm pump laser module. B - nonisolated, PMF. Operating power 150 mW. C = FC/APC connector. 1480 nm pump laser module. A - nonisolated, SMF. Operating power 240 mW. B = SC/APC connector. 1480 nm pump laser module. A - nonisolated, SMF. Operating power 280 mW. B = SC/APC connector. 1480 nm pump laser module. B - nonisolated, PMF. Operating power 220 mW. B = SC/APC connector. 1480 nm pump laser module. B - nonisolated, PMF. Operating power 170 mW. B = SC/APC connector. 1480 nm pump laser module. A - nonisolated, SMF. Operating power 250 mW. B = SC/APC connector. 1480 nm pump laser module. C - isolated, SMF. Operating power 220 mW. A = no connector. 1480 nm pump laser module. C - isolated, SMF. Operating power 210 mW. A = no connector. 1480 nm pump laser module. C - isolated, SMF. Operating power 200 mW. A = no connector. 1480 nm pump laser module. B - nonisolated, PMF. Operating power 270 mW. C = FC/APC connector. 1480 nm pump laser module. C - isolated, SMF. Operating power 280 mW. B = SC/APC connector. 1480 nm pump laser module. B - nonisolated, PMF. Operating power 190 mW. A = no connector. 1480 nm pump laser module. B - nonisolated, PMF. Operating power 150 mW. A = no connector. 1480 nm pump laser module. B - nonisolated, PMF. Operating power 200 mW. A = no connector. 1480 nm pump laser module. B - nonisolated, PMF. Operating power 160 mW. A = no connector. 1480 nm pump laser module. D - isolated, PMF. Operating power 140 mW. B = SC/APC connector. 1480 nm pump laser module. D - isolated, PMF. Operating power 140 mW. A = no connector. 1480 nm pump laser module. C - isolated, SMF. Operating power 130 mW. B = SC/APC connector. 1480 nm pump laser module. C - isolated, SMF. Operating power 120 mW. C = FC/APC connector. 1480 nm pump laser module. C - isolated, SMF. Operating power 130 mW. A = no connector. 1480 nm pump laser module. D - isolated, PMF. Operating power 210 mW. C = FC/APC connector. 1480 nm pump laser module. D - isolated, PMF. Operating power 220 mW. A = no connector. 1480 nm pump laser module. D - isolated, PMF. Operating power 200 mW. A = no connector. 1480 nm pump laser module. D - isolated, PMF. Operating power 210 mW. B = SC/APC connector.
|
AGERE[Agere Systems]
|
3404.2420.XX 3404.2417.XX 3404.2412.XX 3404.2413.X |
Surface Mount Fuse with Clip, 11.1 x 3.8 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
|
Schurter Inc.
|
|